Part Number Hot Search : 
MAX5816 100LVEL B11NM80 SC1128 BCP54TC AL4CS205 LM3S1110 EP100
Product Description
Full Text Search
 

To Download AAT3221IJS-15-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
General Description
The AAT3221 and AAT3222 PowerLinear NanoPower low dropout (LDO) linear regulators are ideal for portable applications where extended battery life is critical. These devices feature extremely low quiescent current, typically 1.1A. Dropout voltage is also very low, typically less than 200mV at the maximum output current of 150mA. The AAT3221/2 have an enable pin feature which, when asserted, will enter the LDO regulator into shutdown mode, removing power from its load and offering extended power conservation capabilities for portable battery-powered applications. The AAT3221/2 have output short-circuit and over-current protection. In addition, the devices also have an over-temperature protection circuit, which will shut down the LDO regulator during extended over-current events. The devices are available with active high or active low enable input. The AAT3221 and AAT3222 are available in Pb-free, space-saving 5-pin SOT23 packages. The AAT3221 is also available in a Pb-free, 8-pin SC70JW package. The device is rated over the -40C to +85C temperature range. Since only a small, 1F ceramic output capacitor is recommended, often the only space used is that occupied by the AAT3221/2 itself. The AAT3221/2 provide a compact and cost-effective voltage conversion solution. The AAT3221 and AAT3122 are similar to the AAT3220, with the exception that they offer further power savings with an enable pin.
150mA NanoPowerTM LDO Linear Regulator
Features
* * * * * * * * * * * * * * 1.1A Quiescent Current Low Dropout: 200mV (typical) Guaranteed 150mA Output High Accuracy: 2% Current Limit Protection Over-Temperature Protection Extremely Low Power Shutdown Mode Low Temperature Coefficient Factory-Programmed Output Voltages 1.5V to 3.5V Stable Operation With Virtually Any Output Capacitor Type Active High or Low Enable Pin 4kV ESD 5-Pin SOT23 or 8-Pin SC70JW Package -40C to +85C Temperature Range
Applications
* * * * * * * Cellular Phones Digital Cameras Handheld Electronics Notebook Computers PDAs Portable Communication Devices Remote Controls
Typical Application
INPUT IN OUT OUTPUT
AAT3221/2
CIN 1F ENABLE (ENABLE) EN (EN) GND COUT 1F
GND
GND
3221.2007.11.1.12
www.analogictech.com
1
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Pin Descriptions
Pin # AAT3221
SOT23-5 1 2 3 4 5 SC70JW-8 2 5, 6, 7, 8 4 3 1
150mA NanoPowerTM LDO Linear Regulator
AAT3222
2 1 5 4 3
Symbol
IN GND EN (EN) NC OUT
Function
Input pin. Ground connection pin. Enable input. Logic compatible enable with active high or active low option available; see Ordering Information and Applications Information for details. Not connected. Output pin; should be decoupled with 1F or greater capacitor.
Pin Configuration
AAT3221 SOT23-5 (Top View) AAT3221 SC70JW-8 (Top View) AAT3222 SOT23-5 (Top View)
IN GND (EN) EN
1
5
OUT
2
3
4
NC
OUT IN NC (EN) EN
1 2 3 4
8 7 6 5
GND GND GND GND
GND IN OUT
1
5
EN (EN)
2
3
4
NC
2
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VIN VEN VENIN(MAX) IOUT TJ
150mA NanoPowerTM LDO Linear Regulator
Description
Input Voltage, <30ms, 10% DC (continuous max = 6.0V) EN (EN) to GND Voltage Maximum EN (EN) to Input Voltage Maximum DC Output Current Operating Junction Temperature Range
Value
-0.3 to 7 -0.3 to 6 0.3 PD/(VIN-VO) -40 to 150
Units
V V V mA C
Thermal Information2
Symbol
JA PD
Description
Thermal Resistance Power Dissipation
Value
150 667
Units
C/W mW
Recommended Operating Conditions
Symbol
VIN T
Description
Input Voltage3 Ambient Temperature Range
Rating
(VOUT + VDO) to 5.5 -40 to +85
Units
V C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on a demo board. 3. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN 2.5V.
3221.2007.11.1.12
www.analogictech.com
3
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Electrical Characteristics
VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1F, TA = 25C, unless otherwise noted. Symbol
VOUT IOUT ISC IQ ISD VOUT/VOUT*VIN
150mA NanoPowerTM LDO Linear Regulator
Description
DC Output Voltage Tolerance Output Current Short-Circuit Current Ground Current Shutdown Current Line Regulation
Conditions
VOUT > 1.2V VOUT < 0.4V VIN = 5V, No Load EN = Inactive VIN = 4.0V to 5.5V VOUT = 1.5 VOUT = 1.6 VOUT = 1.7 VOUT = 1.8 VOUT = 1.9 VOUT = 2.0 VOUT = 2.3 VOUT = 2.4 VOUT = 2.5 VOUT = 2.6 VOUT = 2.7 VOUT = 2.8 VOUT = 2.85 VOUT = 2.9 VOUT = 3.0 VOUT = 3.1 VOUT = 3.3 VOUT = 3.5 VOUT = 2.3 VOUT = 2.4 VOUT = 2.5 VOUT = 2.6 VOUT = 2.7 VOUT = 2.8 VOUT = 2.85 VOUT = 2.9 VOUT = 3.0 VOUT = 3.1 VOUT = 3.3 VOUT = 3.5
Min
-2.0 150
Typ
Max
2.0
Units
% mA mA A nA %/V
VOUT/VOUT
Load Regulation
IL = 1 to 100mA
VDO
Dropout Voltage1, 2
IOUT = 100mA
350 1.1 20 0.15 1.3 1.2 1.1 1.0 1.0 0.9 0.8 0.8 0.8 0.8 0.7 0.7 0.7 0.7 0.6 0.6 0.5 0.5 230 220 210 205 200 190 190 190 190 188 180 180 2.0 2.4 0.01 50 140 20 350 80
2.5 0.4 1.72 1.69 1.67 1.65 1.62 1.58 1.45 1.40 1.35 1.30 1.25 1.20 1.20 1.18 1.15 1.06 1.00 1.00 275 265 255 247 240 235 230 228 225 222 220 220 0.8
%
mV
VEN(L) VEN(H) IEN(SINK) PSRR TSD THYS eN TC
EN Input Low Voltage EN Input High Voltage EN Input Leakage Power Supply Rejection Ratio Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Output Noise Output Voltage Temperature Coefficient VIN = 2.7V to 3.6V VIN = 5V VON = 5.5V 100Hz
V V
1
A dB C C VRMS PPM/C
1. VDO is defined as VIN - VOUT when VOUT is 98% of nominal. 2. For VOUT < 2.3V, VDO = 2.5V - VOUT.
4
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F Ceramic, IOUT = 100mA.
150mA NanoPowerTM LDO Linear Regulator
Output Voltage vs. Output Current
3.03
3.1
Output Voltage vs. Input Voltage
Output Voltage (V)
Output Voltage (V)
3.02 3.01 3 2.99 2.98 2.97 0 20 40 60 80 100
3 2.9 2.8 2.7 2.6 2.5 2.7 2.9 3.1 3.3 3.5
1mA 40mA
-30C 25C 80C
10mA
Output Current (mA)
Input Voltage (V)
Output Voltage vs. Input Voltage
3.03 400
Dropout Voltage vs. Output Current
3.02
1mA 10mA 40mA
Dropout Voltage (mV)
Output Voltage (V)
300
80C
200
3.01
25C -30C
3
100
2.99 3.5 4 4.5 5 5.5
0 0 25 50 75 100 125 150
Input Voltage (V)
Output Current (mA)
Supply Current vs. Input Voltage
Input Current (A) with No Load
2.0 1.6 1.2 0.8 0.4 0 0 1 2 3 4 5 6
0 1.E+01 60
PSRR with 10mA Load
-30C
PSRR (dB)
80C
25C
40
20
1.E+02
1.E+03
1.E+04
1.E+05
Input Voltage (V)
Frequency (Hz)
3221.2007.11.1.12
www.analogictech.com
5
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F Ceramic, IOUT = 100mA.
150mA NanoPowerTM LDO Linear Regulator
Noise Spectrum
30 3.8 3.6
Line Response with 1mA Load
6 5
Noise (dB V/rt Hz )
20 10 0 -10 -20 -30 1.E+01
Output Voltage (V)
Input
Input Voltage (V)
3.4 3.2 3 2.8 2.6 -200
4 3 2 1 0 800
Output
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
0
200
400
600
Frequency (Hz)
Time (s)
Line Response with 10mA Load
3.8 3.6 3.4 3.2 3 2.8 2.6 -200 6 3.8
Line Response with 100mA Load
6 5
Output Voltage (V)
Input
Output Voltage (V)
5 4 3 2 1 0 800
3.6 3.4 3.2 3 2.8 2.6 -200
Input Voltage (V)
Input Voltage (V)
Input
4 3 2
Output
Output
1 0 800
0
200
400
600
0
200
400
600
Time (s)
Time (s)
Load Transient - 1mA / 40mA
4 320 4
Load Transient - 1mA / 80mA
320
Output Current (mA)
Output Voltage (V)
Output Voltage (V)
Output Current (mA)
240
240
3
Output
160
Output
3 160
80
80
2 -1 0 1 2 3
0
2 -1 0 1 2 3
0
Time (ms)
Time (ms)
6
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F Ceramic, IOUT = 100mA.
150mA NanoPowerTM LDO Linear Regulator
Power-Up with 1mA Load
4 5 4
Turn-On with 1mA Load
3
Output Voltage (V)
Output Voltage (V)
4 3 3 2 2
3
2
Input Voltage (V)
Enable (V)
Enable
Enable
2 1
1 0
1
Output
-1 0 1 2
-1 -2 -3
1
0
Output
0 -1 0 1 2 -1
0
Time (ms)
Time (ms)
Power-Up with 10mA Load
4 5 4 4
Turn-On with 10mA Load
3
Output Voltage (V)
Output Voltage (V)
Input Voltage (V)
3
3 2
3
2
Enable (V)
2
Enable
1 0
2
Enable
1
1
-1
1
0
Output
0 -1 0 1 2
-2 -3 0 -1
Output
-1 0 1 2
Time (ms)
Time (ms)
Power-Up with 100mA Load
4 5 4 4
Turn-On with 100mA Load
3
Output Voltage (V)
Output Voltage (V)
3
3 2
3
2
Input Voltage (V)
Enable (V)
2
Enable
1 0
2
Enable
1
1
-1
1
0
Output
0 -1 0 1 2
-2 -3 0 -1
Output
-1 0 1 2
Time (ms)
Time (ms)
3221.2007.11.1.12
www.analogictech.com
7
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Functional Block Diagram
IN
Over-Current Protection Over-Temperature Protection
150mA NanoPowerTM LDO Linear Regulator
OUT
EN
VREF
GND
Functional Description
The AAT3221 and AAT3222 are intended for LDO regulator applications where output current load requirements range from no load to 150mA. The advanced circuit design of the AAT3221/2 has been optimized for very low quiescent or ground current consumption, making it ideal for use in power management systems for small battery-operated devices. The typical quiescent current level is just 1.1A. AAT3221/2 devices also contain an enable circuit which has been provided to shut down the LDO regulator for additional power conservation in portable products. In the shutdown state, the LDO draws less than 1A from input supply. The LDO also demonstrates excellent power supply ripple rejection (PSRR) and load and line transient response characteristics. The AAT3221/2 high performance LDO
regulator is especially well suited for circuit applications that are sensitive to load circuit power consumption and extended battery life. The LDO regulator output has been specifically optimized to function with low-cost, low-ESR ceramic capacitors. However, the design will allow for operation with a wide range of capacitor types. The AAT3221/2 has complete short-circuit and thermal protection. The integral combination of these two internal protection circuits gives the AAT3221/2 a comprehensive safety system to guard against extreme adverse operating conditions. Device power dissipation is limited to the package type and thermal dissipation properties. Refer to the Thermal Considerations section of this document for details on device operation at maximum output load levels.
8
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Applications Information
To ensure that the maximum possible performance is obtained from the AAT3221/2, please refer to the following application recommendations.
150mA NanoPowerTM LDO Linear Regulator
The total output capacitance required can be calculated using the following formula:
COUT =
Where:
I * 15F V
Input Capacitor
A 1F or larger capacitor is typically recommended for CIN in most applications. A CIN capacitor is not required for basic LDO regulator operation. However, if the AAT3221/2 is physically located any distance more than one or two centimeters from the input power source, a CIN capacitor will be needed for stable operation. CIN should be located as closely to the device VIN pin as practically possible. CIN values greater than 1F will offer superior input line transient response and will assist in maximizing the power supply ripple rejection. Ceramic, tantalum, or aluminum electrolytic capacitors may be selected for CIN, as there is no specific capacitor ESR requirement. For 150mA LDO regulator output operation, ceramic capacitors are recommended for CIN due to their inherent capability over tantalum capacitors to withstand input current surges from low impedance sources such as batteries in portable devices.
I = maximum step in output current V = maximum excursion in voltage that the load can tolerate Note that use of this equation results in capacitor values approximately two to four times the typical value needed for an AAT3221/2 at room temperature. The increased capacitor value is recommended if tight output tolerances must be maintained over extreme operating conditions and maximum operational temperature excursions. If tantalum or aluminum electrolytic capacitors are used, the capacitor value should be increased to compensate for the substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3221/2. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lower cost, has a smaller PCB footprint, and is nonpolarized. Line and load transient response of the LDO regulator is improved by using low-ESR ceramic capacitors. Since ceramic capacitors are non-polarized, they are less prone to damage if incorrectly connected.
Output Capacitor
For proper load voltage regulation and operational stability, a capacitor is required between pins VOUT and GND. The COUT capacitor connection to the LDO regulator ground pin should be made as direct as practically possible for maximum device performance. The AAT3221/2 has been specifically designed to function with very low ESR ceramic capacitors. Although the device is intended to operate with these low ESR capacitors, it is stable over a wide range of capacitor ESR, thus it will also work with some higher ESR tantalum or aluminum electrolytic capacitors. However, for best performance, ceramic capacitors are recommended. The value of COUT typically ranges from 0.47F to 10F; however, 1F is sufficient for most operating conditions. If large output current steps are required by an application, then an increased value for COUT should be considered. The amount of capacitance needed can be calculated from the step size of the change in output load current expected and the voltage excursion that the load can tolerate.
Equivalent Series Resistance (ESR)
ESR is a very important characteristic to consider when selecting a capacitor. ESR is the internal series resistance associated with a capacitor, which includes lead resistance, internal connections, capacitor size and area, material composition, and ambient temperature. Typically, capacitor ESR is measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials are typically tight tolerance and very stable over temperature. Larger capacitor values are typically composed of
3221.2007.11.1.12
www.analogictech.com
9
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
X7R, X5R, Z5U, and Y5V dielectric materials. Large ceramic capacitors, typically greater than 2.2F, are often available in low-cost Y5V and Z5U dielectrics. These two material types are not recommended for use with LDO regulators since the capacitor tolerance can vary more than 50% over the operating temperature range of the device. A 2.2F Y5V capacitor could be reduced to 1F over the full operating temperature range. This can cause problems for circuit operation and stability. X7R and X5R dielectrics are much more desirable. The temperature tolerance of X7R dielectric is better than 15%. Capacitor area is another contributor to ESR. Capacitors that are physically large in size will have a lower ESR when compared to a smaller sized capacitor of equivalent material and capacitance value. These larger devices can also improve circuit transient response when compared to an equal value capacitor in a smaller package size. Consult capacitor vendor datasheets carefully when selecting capacitors for use with LDO regulators.
150mA NanoPowerTM LDO Linear Regulator
rapidly increase. Once the regulator's power dissipation capacity has been exceeded and the internal die temperature reaches approximately 140C, the system thermal protection circuit will become active. The internal thermal protection circuit will actively turn off the LDO regulator output pass device to prevent the possibility of over-temperature damage. The LDO regulator output will remain in a shutdown state until the internal die temperature falls back below the 140C trip point. The interaction between the short-circuit and thermal protection systems allows the LDO regulator to withstand indefinite short-circuit conditions without sustaining permanent damage.
No-Load Stability
The AAT3221/2 is designed to maintain output voltage regulation and stability under operational no-load conditions. This is an important characteristic for applications where the output current may drop to zero. An output capacitor is required for stability under no-load operating conditions. Refer to the output capacitor considerations section of this document for recommended typical output capacitor values.
Enable Function
The AAT3221/2 features an LDO regulator enable / disable function. This pin (EN) is compatible with CMOS logic. Active high or active low options are available (see Ordering Information). For a logic high signal, the EN control level must be greater than 2.4 volts. A logic low signal is asserted when the voltage on the EN pin falls below 0.6 volts. For example, the active high version AAT3221/2 will turn on when a logic high is applied to the EN pin. If the enable function is not needed in a specific application, it may be tied to the respective voltage level to keep the LDO regulator in a continuously on state; e.g., the active high version AAT3221/2 will tie VIN to EN to remain on.
Thermal Considerations and High Output Current Applications
The AAT3221/2 is designed to deliver a continuous output load current of 150mA under normal operating conditions. The limiting characteristic for the maximum output load safe operating area is essentially package power dissipation and the internal preset thermal limit of the device. In order to obtain high operating currents, careful device layout and circuit operating conditions need to be taken into account. The following discussions will assume the LDO regulator is mounted on a printed circuit board utilizing the minimum recommended footprint and the printed circuit board is 0.062-inch thick FR4 material with one ounce copper. At any given ambient temperature (TA), the maximum package power dissipation can be determined by the following equation:
Short-Circuit Protection and Thermal Protection
The AAT3221/2 is protected by both current limit and over-temperature protection circuitry. The internal shortcircuit current limit is designed to activate when the output load demand exceeds the maximum rated output. If a short-circuit condition were to continually draw more than the current limit threshold, the LDO regulator's output voltage will drop to a level necessary to supply the current demanded by the load. Under short-circuit or other over-current operating conditions, the output voltage will drop and the AAT3221/2 die temperature will
PD(MAX) =
TJ(MAX) - TA JA
Constants for the AAT3221/2 are TJ(MAX), the maximum junction temperature for the device which is 125C and JA = 150C/W, the package thermal resistance. Typically,
10
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
maximum conditions are calculated at the maximum operating temperature where TA = 85C, under normal ambient conditions TA = 25C. Given TA = 85C, the maximum package power dissipation is 267mW. At TA = 25C, the maximum package power dissipation is 667mW. The maximum continuous output current for the AAT3221/2 is a function of the package power dissipation and the input-to-output voltage drop across the LDO regulator. Refer to the following simple equation:
150mA NanoPowerTM LDO Linear Regulator
From the discussion above, PD(MAX) was determined to equal 667mW at TA = 25C. Thus, the AAT3221/2 can sustain a constant 2.5V output at a 150mA load current as long as VIN is 6.95V at an ambient temperature of 25C. 5.5V is the maximum input operating voltage for the AAT3221/2, thus at 25C the device would not have any thermal concerns or operational VIN(MAX) limits. This situation can be different at 85C. The following is an example for an AAT3221/2 set for a 2.5 volt output at 85C: VOUT = 2.5 volts IOUT = 150mA IGND = 1.1A
PD(MAX) IOUT(MAX) = (VIN - VOUT)
For example, if VIN = 5V, VOUT = 2.5V and TA = 25C, IOUT(MAX) < 267mA. The output short-circuit protection threshold is set between 150mA and 300mA. If the output load current were to exceed 267mA or if the ambient temperature were to increase, the internal die temperature would increase. If the condition remained constant and the short-circuit protection did not activate, there would be a potential damage hazard to the LDO regulator since the thermal protection circuit would only activate after a short-circuit event occured on the LDO regulator output. To determine the maximum input voltage for a given load current, refer to the following equation. This calculation accounts for the total power dissipation of the LDO regulator, including that caused by ground current.
VIN(MAX) =
(267mW + [2.5V * 150mA]) (150mA + 1.1A)
VIN(MAX) = 4.28V
From the discussion above, PD(MAX) was determined to equal 267mW at TA = 85C. Higher input-to-output voltage differentials can be obtained with the AAT3221/2, while maintaining device functions in the thermal safe operating area. To accomplish this, the device thermal resistance must be reduced by increasing the heat sink area or by operating the LDO regulator in a duty-cycled mode. For example, an application requires VIN = 5.0V while VOUT = 2.5V at a 150mA load and TA = 85C. VIN is greater than 4.28V, which is the maximum safe continuous input level for VOUT = 2.5V at 150mA for TA = 85C. To maintain this high input voltage and output current level, the LDO regulator must be operated in a dutycycled mode. Refer to the following calculation for dutycycle operation: IGND = 1.1A IOUT = 150mA VIN = 5.0 volts VOUT = 2.5 volts
PD(MAX) = (VIN - VOUT)IOUT + (VIN * IGND)
This formula can be solved for VIN to determine the maximum input voltage.
VIN(MAX) =
(PD(MAX) + [VOUT * IOUT]) (IOUT + IGND)
The following is an example for an AAT3221/2 set for a 2.5 volt output: VOUT = 2.5 volts IOUT = 150mA IGND = 1.1A
%DC = 100 %DC = 100
PD(MAX) ([VIN - VOUT]IOUT + [VIN * IGND]) 267mW ([5.0V - 2.5V]150mA + [5.0V * 1.1A])
VIN(MAX) =
(667mW + [2.5V * 150mA]) (150mA + 1.1A)
%DC = 71.2%
PD(MAX) is assumed to be 267mW.
VIN(MAX) = 6.95V
3221.2007.11.1.12
www.analogictech.com
11
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
For a 150mA output current and a 2.5 volt drop across the AAT3221/2 at an ambient temperature of 85C, the maximum on-time duty cycle for the device would be 71.2%. The following family of curves shows the safe operating area for duty-cycled operation from ambient room temperature to the maximum operating level. Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 25C)
150mA NanoPowerTM LDO Linear Regulator
High Peak Output Current Applications
Some applications require the LDO regulator to operate at continuous nominal levels with short duration, highcurrent peaks. The duty cycles for both output current levels must be taken into account. To do so, one would first need to calculate the power dissipation at the nominal continuous level, then factor in the addition power dissipation due to the short duration, high-current peaks. For example, a 2.5V system using an AAT3221/ 2IGV-2.5-T1 operates at a continuous 100mA load current level and has short 150mA current peaks. The current peak occurs for 378s out of a 4.61ms period. It will be assumed the input voltage is 5.0V. First, the current duty cycle percentage must be calculated:
3.5
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
200mA
Duty Cycle (%)
% Peak Duty Cycle: X/100 = 378ms/4.61ms % Peak Duty Cycle = 8.2% The LDO regulator will be under the 100mA load for 91.8% of the 4.61ms period and have 150mA peaks occurring for 8.2% of the time. Next, the continuous nominal power dissipation for the 100mA load should be determined then multiplied by the duty cycle to conclude the actual power dissipation over time.
Device Duty Cycle vs. V DROP
(VOUT = 2.5V @ 50C)
3.5
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
200mA 150mA
PD(MAX) = (VIN - VOUT)IOUT + (VIN * IGND) PD(100mA) = (5.0V - 2.5V)100mA + (5.0V * 1.1mA) PD(100mA) = 250mW PD(91.8%D/C) = %DC * PD(100mA) PD(91.8%D/C) = 0.918 * 250mW PD(91.8%D/C) = 229.5mW
The power dissipation for a 100mA load occurring for 91.8% of the duty cycle will be 229.5mW. Now the power dissipation for the remaining 8.2% of the duty cycle at the 150mA load can be calculated:
Duty Cycle (%)
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 85C)
3.5
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60
100mA 200mA 150mA
PD(MAX) = (VIN - VOUT)IOUT + (VIN * IGND) PD(150mA) = (5.0V - 2.5V)150mA + (5.0V * 1.1mA) PD(150mA) = 375mW
80 90 100
70
Duty Cycle (%)
PD(8.2%D/C) = %DC * PD(150mA) PD(8.2%D/C) = 0.082 * 375mW PD(8.2%D/C) = 30.75mW
12
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
The power dissipation for a 150mA load occurring for 8.2% of the duty cycle will be 20.9mW. Finally, the two power dissipation levels can summed to determine the total true power dissipation under the varied load:
150mA NanoPowerTM LDO Linear Regulator
Printed Circuit Board Layout Recommendations
In order to obtain the maximum performance from the AAT3221/2 LDO regulator, very careful attention must be considered in regard to the printed circuit board layout. If grounding connections are not properly made, power supply ripple rejection and LDO regulator transient response can be compromised. The LDO regulator external capacitors CIN and COUT should be connected as directly as possible to the ground pin of the LDO regulator. For maximum performance with the AAT3221/2, the ground pin connection should then be made directly back to the ground or common of the source power supply. If a direct ground return path is not possible due to printed circuit board layout limitations, the LDO ground pin should then be connected to the common ground plane in the application layout.
PD(total) = PD(100mA) + PD(150mA) PD(total) = 229.5mW + 30.75mW PD(total) = 260.25mW
The maximum power dissipation for the AAT3221/2 operating at an ambient temperature of 85C is 267mW. The device in this example will have a total power dissipation of 260.25mW. This is within the thermal limits for safe operation of the device.
3221.2007.11.1.12
www.analogictech.com
13
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM
Ordering Information
Output Voltage
1.6V 1.7V 1.8V 1.9V 2.0V 2.3V 2.4V 2.5V 2.6V 2.7V 2.8V 2.85V 2.9V 3.0V 3.1V 3.3V 3.5V 1.5V 1.6V 1.7V 1.8V 1.9V 2.0V 2.3V 2.4V 2.5V 2.6V 2.7V 2.8V 2.85V 2.9V 3.0V 3.1V 3.2V 3.3V 3.5V 1.8V 2.0V 2.3V 2.4V 2.5V 2.7V 2.8V 2.85V 2.9V 3.0V 3.3V 3.5V 2.8V 3.3V
150mA NanoPowerTM LDO Linear Regulator
Enable
Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active high Active low Active low
Package
SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5
Marking1
GYXYY GBXYY BBXYY CGXYY BLXYY FLXYY FMXYY AKXYY GPXYY GDXYY AQXYY BYXYY JCXYY ALXYY GVXYY AMXYY BMXYY CFXYY
Part Number (Tape and Reel)2
AAT3221IGV-1.6-T1 AAT3221IGV-1.7-T1 AAT3221IGV-1.8-T1 AAT3221IGV-1.9-T1 AAT3221IGV-2.0-T1 AAT3221IGV-2.3-T1 AAT3221IGV-2.4-T1 AAT3221IGV-2.5-T1 AAT3221IGV-2.6-T1 AAT3221IGV-2.7-T1 AAT3221IGV-2.8-T1 AAT3221IGV-2.85-T1 AAT3221IGV-2.9-T1 AAT3221IGV-3.0-T1 AAT3221IGV-3.1-T1 AAT3221IGV-3.3-T1 AAT3221IGV-3.5-T1 AAT3221IJS-1.5-T1 AAT3221IJS-1.6-T1 AAT3221IJS-1.7-T1 AAT3221IJS-1.8-T1 AAT3221IJS-1.9-T1 AAT3221IJS-2.0-T1 AAT3221IJS-2.3-T1 AAT3221IJS-2.4-T1 AAT3221IJS-2.5-T1 AAT3221IJS-2.6-T1 AAT3221IJS-2.7-T1 AAT3221IJS-2.8-T1 AAT3221IJS-2.85-T1 AAT3221IJS-2.9-T1 AAT3221IJS-3.0-T1 AAT3221IJS-3.1-T1 AAT3221IJS-3.2-T1 AAT3221IJS-3.3-T1 AAT3221IJS-3.5-T1 AAT3222IGV-1.8-T1 AAT3222IGV-2.0-T1 AAT3222IGV-2.3-T1 AAT3222IGV-2.4-T1 AAT3222IGV-2.5-T1 AAT3222IGV-2.7-T1 AAT3222IGV-2.8-T1 AAT3222IGV-2.85-T1 AAT3222IGV-2.9-T1 AAT3222IGV-3.0-T1 AAT3222IGV-3.3-T1 AAT3222IGV-3.5-T1 AAT3221IGV-2.8-2 T1 AAT3221IGV-3.3-2-T1
BBXYY CGXYY BLXYY FLXYY FMXYY AKXYY GPXYY GDXYY AQXYY BYXYY JCXYY ALXYY GVXYY LEXYY AMXYY BMXYY BCXYY
ANXYY AOXYY BIXYY FYXYY BHXYY APXYY FTXYY CXXYY
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
14
www.analogictech.com
3221.2007.11.1.12
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM 150mA NanoPowerTM LDO Linear Regulator
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
SOT23-5
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07 4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
All measurements in millimeters.
3221.2007.11.1.12
www.analogictech.com
15
PRODUCT DATASHEET
AAT3221/2
PowerLinearTM 150mA NanoPowerTM LDO Linear Regulator
SC70JW-8
0.50 BSC 0.50 BSC 0.50 BSC
1.75 0.10 0.225 0.075 2.00 0.20
2.20 0.20
0.048REF 0.85 0.15 0.15 0.05
1.10 MAX
0.100
7 3
0.45 0.10 2.10 0.30
4 4
All measurements in millimeters.
Advanced Analogic Technologies, Inc. 3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737-4600 Fax (408) 737-4611
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
16
www.analogictech.com
0.05 0.05
3221.2007.11.1.12


▲Up To Search▲   

 
Price & Availability of AAT3221IJS-15-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X